|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number :ENN6287 Bi-CMOS IC LV1150M Virtual Surround System IC Overview The LV1150M is a virtual surround system Bi-CMOS IC for video soundtracks and audio. The main feature of this IC is the ability to create an audio ambience equivalent to that of a multichannel system by adding a signal to which virtual surround processing has been applied to the left and right channel input signals. It furthermore allows modification of this effect by the use of L+R and L-R passive matrix processing and adjustment of the surround processing level with a level control. Package Dimensions unit: mm 3045B-MFP24 [LV1150M] 24 13 Functions and Features * * * * * * * * * Virtual surround function Passive matrix: L+R, L-R Adjustable surround effect level Bypass and virtual surround (L+R, L-R) switching function Output filters are provided on chip. On-chip VDD circuit ADM technique based A/D and D/A converters Simulated stereo for monaural input signals Package: MFP24 (375-mil lead pitch) 0.15 2.15 2.5max 0.75 1 15.3 12 0.35 1.27 0.67 0.1 SANYO: MFP24 Specifications Absolute Maximum Ratings at Ta = 25C Parameter Maximum supply voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCCmax Pdmax Topr Tstg Ta 70C * With printed circuit board Conditions Ratings 12 500 -20 to +70 -40 to +125 Unit V W C C Note: * Printed circuit board size: 114.3 x 76.1 mm, t = 1.6 mm. Material: Glass epoxy. Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 73099RM (OT) No. 6287-1/9 9.0 10.5 7.9 LV1150M Operating Conditions at Ta = 25C Parameter Recommended supply voltage Operating supply voltage range Symbol VCC VCCopr Conditions Ratings 7 6.5 to 10 Unit V V Electrical Characteristics at Ta = 25C, VCC = 7.0 V, VIN = -10 dBm, f = 1 kHz, in bypass mode Parameter Quiescent current Output noise voltage I/O signal level deviation Total harmonic distortion Symbol ICC VNO VO THD Rs = 10 k, JIS A In virtual surround mode VIN = -10 dBm = 0 dB 400 Hz to 30 kHz bandpass filter In virtual surround mode VIN = -10 dBm = 0 dB, THD = 1% In virtual surround mode 10 10 -2 Conditions Ratings min 15 typ 23 -110 -88 0 0.005 0.13 15 12 max 40 -90 -80 +2 0.03 1.0 Unit mA dBm dBm dB % % dB dB Headroom H*R No. 6287-2/9 Block Diagram LC-INE LC-INB VDD A/D NS D/A DC-CUT AGND EF-VOL L-OUT R-OUT VREF 24 23 22 21 20 19 18 17 16 15 14 13 OSC VDD ADM ADM-CONT SRAM A B A B A B L + DELAY R + DELAY LV1150M 2 k L-R L.P.F. L+R VIRTUAL 50 k 50 k 1 2 3 4 5 6 7 8 9 10 11 12 No. 6287-3/9 LPF1 LPF2 VSS SW1 SW2 LS-OUT R-PS-IN VCC L-PS-IN RS-OUT L-IN R-IN A12415 LV1150M Test Circuit A12416 50 k VIRTUAL B 1 F 13 + 1 F 12 + 10 k B + R + DELAY R-OUT SW9 A A 50 k 2 k 14 B 1 F + 1 F 11 + 10 k B + L + DELAY L-OUT SW8 A 15 A 10 VREF 220 F 16 + L.P.F. 9 AGND VCC 220 F 8 0.1 F + 17 SRAM + 18 L+R 7 0.33 F ADM 19 0.15 F ADM-CONT A B 75 pF 5 3300 pF 20 130 pF 21 0.15 F 4 VDD 0.1 F 22 220 F + 0.15 F 1.5 k SW2 B A SW1 B A L-R OPEN/5 V-L-R GND-L+R OPEN/5 V-BYPASS GND-VIRTUAL OSC 23 BYPASS/VIRTUAL VSS 24 100 pF 47 pF 51 pF 10 H 15 pF 1 2 3 6 L+R/L-R 1.5 k 0.15 F No. 6287-4/9 LV1150M Sample Application Circuit REF 50 k VIRTUAL B R + DELAY 10 F A REF 50 k 2 k B + R-OUT 11 2.5VPP- 12 -50 k L + DELAY 10 F 15 10 VOL A VREF 16 220 F L.P.F. + 9 SAMP1, 2 AGND 17 VCC 8 220 F 0.1 F + SRAM + 18 19 ADM VOL 0.15 F L-R ADM-CONT A B 6 20 3300 pF 5 21 10 k 7 0.15 F 220 F + 9 VDD 22 SAMP2 20 k 0.1 F 23 6 10 3 1.5 k 0.1 F-0.22 F REF 2-6 k 4 SAMP1, 2 0.33/1 F REF 9.4 k L+R 7 75 pF 130 pF L+R/L-R OPEN/5 V-L-R GND-L+R BYPASS OSC 9 OPEN/5 V-BYPASS GND-VIRTUAL 10 k 7 0-3 k REF VSS 0.1 F-0.22 F 1 24 100 pF 47 pF 51 pF SAMP1 20 k 1.5 k 5.6-10 H 15 pF 6 10 2 + L-OUT No. 6287-5/9 L-IN + 1 F 14 R-IN + 1 F 13 A12417 LV1150M Operating Principles 1. Modes The mode can be set using DIP switches on pins 2 and 3. * Bypass/virtual: switches between bypass and virtual modes. * L+R/L-R: Switches the virtual mode effect. Since this switching is independent of the bypass function, it has no effect in bypass mode. 2. Other notes * The level of the virtual effect can be changed by the values of the external resistors connected to pins 15 and 19. (See the sample application circuit diagram.) Note that the effect is maximum when these pins are open. * There are two options that may be attached to pins 6 and 7 and pins 9 and 10. (See the sample application circuit diagram.) High boost (SAMP1) and low boost (SAMP2) effects can be acquired using external circuits on these pins. (See the charts.) 0 VO -- fIN 5 0 VO -- fIN L L RR 5 L R/R L -- dB L L/R R -- dB L R/R L -- dB -5 10 k 0 -5 10 k 20 k - + 3 k -10 0.15F L 0 L R R L -10 20 k R 0.15F 1.5 k external 1.5 k -5 1.5 k -5 external -15 2 LV1150M SAMP1 DELAY = OFF (19 PIN 16PIN Short) 300 mV = 0 dB 3 5 7 100 2 3 5 7 1k 2 3 5 7 10k 2 3 -10 -15 2 LV1150M SAMP2 DELAY = OFF (19 PIN 16PIN Short) 300 mV = 0 dB 3 5 7 100 2 3 5 7 1k 2 3 5 7 10k 2 3 -10 Input frequency, fIN -- Hz Input frequency, fIN -- Hz Pin Descriptions Pin No. 2 Pin SW1 0/0.7 3 SW1 L+R/L-R switching Pin voltage (V) Function Bypass/virtual switching Equivalent circuit 1 k 2 3 A12418 BIAS 4 5 LPF1 LPF2 1/2VCC Low-pass filter capacitor connection 24 k 500 4 5 VCC 6 10 LS-OUT RS-OUT 1/2VCC Surround signal outputs A12419 6 10 100 BIAS A12420 1/2VCC Virtual surround processing signal inputs. 9 1.5 k 7 9 R-PS-IN L-PS-IN 7 500 A12421 Continued on next page. No. 6287-6/9 LL/RR -- dB LL RR L R LV1150M Continued from preceding page. Pin No. Pin Pin voltage Function Equivalent circuit 1/2VCC Signal inputs 12 50 k 11 12 L-IN R-IN 11 500 A12422 VCC 13 14 R-OUT L-OUT 1/2VCC Signal outputs 13 14 100 BIAS A12423 2 k 500 15 EF-VOL 1/2VCC Virtual surround control 15 A12424 16 VREF 1/2VCC VREF amplifier reference 16 3 k 3 k VCC A12425 20 k 18 500 20 k 18 DC-CUT 1/2VCC DC cut capacitor connection A12426 500 19 21 D/A A/D 1/2VCC A/D (D/A) converter integrator capacitor connection 19 20 10 k 500 20 NS 1/2VCC A/D noise shaper capacitor connection A12427 20 A12428 9.4 k 15 k 23 24 500 23 24 LC-INB LC-INE 0/5V Clock control A12429 No. 6287-7/9 LV1150M Delay signal total harmonic distortion, THD -- % 10 VO(DELAY) -- fIN VCC = 7 V VIN = -10 dBm = 0 dB VIRTUAL L-R mode 5 3 2 THD(DELAY) -- fIN VCC = 7 V VIN = -10 dBm VIRTUAL L-R mode 400 to 30 kHz BPF Delay output voltage, VO -- dB 0 1.0 7 5 3 2 Left input Right input Left input Right input -10 0.1 7 5 7 100 2 3 5 7 1k 2 3 5 7 10k -20 2 3 5 7 100 2 3 5 7 1k 2 3 5 7 10k 2 3 Input frequency, fIN -- Hz Delay output noise voltage, VNO -- dBm -85 Input frequency, fIN -- Hz 13 VNO(DELAY) -- VCC Delay headroom, H * R -- dB VCC = 7 V VIRTUAL L-R mode RS = 10 k JIS-A H * R(DELAY) -- VCC VCC = 7 V VIRTUAL L-R mode fIN = 1 kHz Right input THD 1% -10 dBm = 0 dB Left input -86 12 -87 11 -88 -89 5 6 7 8 9 10 11 12 13 10 5 6 7 8 9 10 11 12 13 Supply voltage, VCC -- V 9 6 Supply voltage, VCC -- V 9 6 VO(L-OUT) -- fIN VO(R-OUT) -- fIN Output voltage, VO -- dB 3 0 -3 -6 -9 -12 -15 Output voltage, VO -- dB 3 0 -3 -6 -9 -12 -15 VCC = 7 V VIN = -8.3 dBm = 0 dB VIRTUAL L+R mode VCC = 7 V VIN = -8.3dBm = 0 dB VIRTUAL L+R mode Left and right channel common-mode input 2 3 5 7 100 2 3 5 7 1k 2 3 5 7 10k 2 Left and right channel common-mode input 2 3 5 7 100 2 3 5 7 1k 2 3 5 7 10k 2 Input frequency, fIN -- Hz -87 Input frequency, fIN -- Hz -110.8 VNO -- VCC Output noise voltage, VNO -- dB VCC = 7 V VIRTUAL L + R mode RS = 10 k JIS-A VNO -- VCC VCC = 7 V BYPASS mode RS = 10 k JIS-A Output noise voltage, VNO -- dB -111.0 -88 -111.2 -89 -111.4 -90 -111.6 L-OUT -91 -111.8 LL -112.0 -112.2 5 R-OUT -92 5 6 7 8 9 10 11 12 13 6 7 8 9 RR 10 11 12 13 Supply voltage, VCC -- V Supply voltage, VCC -- V No. 6287-8/9 LV1150M 2 THD -- fIN VCC = 7 V VIN = -10 dBm BYPASS mode 400 to 30 kHz BPF 0.2 VO -- fIN LL Total harmonic distortion, THD -- % 0 0.01 7 5 Output voltage, VO -- dB RR -0.2 LL RR -0.4 3 -0.6 2 -0.8 0.001 2 3 5 7 1k 2 3 5 7 10k 2 3 5 -1.0 2 VCC = 7 V VIN = -10 dBm = 0 dB BYPASS mode 3 5 7 100 2 3 5 7 1k 2 3 5 7 10k 2 3 Input frequency, fIN -- Hz 22 Input frequency, fIN -- Hz H * R -- VCC VCC = 7 V BYPASS mode fIN = 1 kHz THD 1% -10 dBm = 0 dB Headroom, H * R -- dB 20 18 16 14 5 6 7 8 9 10 11 12 13 Supply voltage, VCC -- V Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products (including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 1999. Specifications and information herein are subject to change without notice. PS No.6287-9/9 |
Price & Availability of LV1150M |